Part Number Hot Search : 
A5801090 LBS12204 62003PA FX208 2SC5497 29LZC 1200P D2051
Product Description
Full Text Search
 

To Download CTPC4018F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer of passive components 800-684-5322 inside us 949-453-1811 outside us copyright ? 2011 by ct magnetics, dba central technologies. all rights reserved. ct magnetics reserves the right to make improvements or change specifications without notice rev 03.01.11 power inductors - shielded www.ctparts.com CTPC4018F series from 1.0 h to 100 h specifications part numbers indicate available inductance tolerance: m = 20%, n = 30% l test dcr part inductance freq. (m) idc1 idc2 number marking (h) (khz) 20% (a) (a) CTPC4018F-1r0n a 1.0 100 50 4.70 1.85 CTPC4018F-1r5n c 1.5 100 60 3.70 1.70 CTPC4018F-1r8n d 1.8 100 65 3.40 1.65 CTPC4018F-2r2n e 2.2 100 74 3.20 1.60 CTPC4018F-3r3n g 3.3 100 97 2.70 1.45 CTPC4018F-4r7m i 4.7 100 120 2.20 1.30 CTPC4018F-6r8m k 6.8 100 170 1.80 1.15 CTPC4018F-100m m 10 100 240 1.50 1.00 CTPC4018F-220m q 22 100 490 1.00 0.63 CTPC4018F-470m u 47 100 1170 0.75 0.49 CTPC4018F-101m y 100 100 2170 0.45 0.28 not shown at actual size characteristics physical dimensions pad layout description: smd shielded power inductor applications: mainly used as a power source inductor for mobile phones, hdds, lcd panels and dscs. operating temperature: -40c to +105c (includes self temp. rise) idc1: based on inductance change (d l/l0: < 30%) at ambient temp. 25c idc2: based on temperature rise ( d t: 40c typ.) rated current: idc1 or idc2, whichever value is lower. resistance to solder heat: 260c 10 secs. inductance tolerance: 20%, 30% testing: inductance is tested on an hp4284a at 100khz, 0.1v packaging: tape & reel marking: parts are marked with letter identifer. miscellaneous: rohs compliant. additional information: additional electrical & physical information available upon request. samples available. see website for ordering information. a b c e e f g d p owder c oa ting marking g 2.0 2.0 4.4 1.0 4.3 4.2 or a b c d e f g max. typ. typ. typ. typ. 4.00.2 3.90.2 1.8 2.1 0.96 1.6 1.1 0.160.008 0.150.008 0.070 0.082 0.038 0.063 0.043 size mm inches unit: mm


▲Up To Search▲   

 
Price & Availability of CTPC4018F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X